Part Number Hot Search : 
TM02129 Y100E HS2262 SOT23 365S8GE 8F320 FQT1N80 08010
Product Description
Full Text Search
 

To Download FBAT54SDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diodes
FBAT54SDW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS DESCRIPTION Silicon epitaxial planar PN Junction Guard Ring for Schottky Diode FEATURES Low Forward Voltage Drop Fast Switching APPLICATION Ultra high speed switching, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) FBAT54SDW Marking:KL8 Maximum Ratings @TA=25 Parameter
Peak Repetitive reverse voltage DC Blocking Voltage Average Rectified Output Current Power Dissipation Junction temperature Storage temperature range WBFBP-06C
(2x2x0.5) unit: mm
1
Symbol
VRM VR IO PD TJ TSTG
Limits
30 100 150 125 -65-125
Unit
V mA mW
ELECTRICAL CHARACTERISTICSTamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR
unless
Test
otherwise
specified
MIN 30 2 240 320 400 500 1000 10 5 mV MAX UNIT V
conditions
IR= 100A VR=25V IF=0.1mA IF=1mA
uA
Forward
voltage
VF
IF=10mA IF=30mA IF=100mA
Total
capacitance
CT t rr
VR=1V,f=1MHz IF=10mA, IR=10mA~1mA RL=100
pF nS
Reverse recovery time
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.420 REF. 0.650 TYP. 0.600 REF. 0.300 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.017 REF. 0.026 TYP. 0.024 REF. 0.012 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FBAT54SDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X